PART |
Description |
Maker |
2SB564A |
Audio frequency power amplifier. Collector-base voltage Vcbo = -30V. Collector-emitter voltage Vceo = -25V. Emitter-base voltage Vebo = -5V. Collector dissipation Pc(max) = 800mW. Collector current Ic = -1.0A.
|
USHA India LTD
|
2SC5026 |
Silicon NPN Epitaxial Planar Type Low collector-emitter saturation voltage VCE(sat). High collector-emitter voltage (Base open) VCEO
|
TY Semicondutor TY Semiconductor Co., Ltd
|
2SD2318 |
High DC current gain. Low saturation voltage.Collector-base voltage VCBO 80 V
|
TY Semiconductor Co., Ltd
|
2SC5211 |
High voltage VCEO=50V. Small package for mounting.Collector-base voltage VCBO 55 V
|
TY Semiconductor Co., Ltd
|
2SA1179 |
High breakdown voltage Collector-base voltage VCBO -55 V
|
TY Semiconductor Co., Ltd
|
2SC3513 |
Collector-base voltage VCBO 15 V Collector-emitter voltage VCEO 11 V
|
TY Semiconductor Co., Ltd
|
2SD1611 |
High forward current transfer ratio hFE High collector-base voltage (Emitter open) VCBO
|
TY Semiconductor Co., Ltd
|
2SC2983 |
High Transiton Frequency: Ft=100MHz(TYP.) Collector to base voltage VCBO 160 V
|
TY Semiconductor Co., Ltd
|
BCP54-10 BCP56-10 BCP56 |
NPN Medium Power Transistor High collector current 1.3 W power dissipation. emitter-base voltage VEBO 5 V
|
TY Semicondutor TY Semiconductor Co., Ltd
|
2SA1182 |
SOT-23 package Collector-base voltage VCBO -35 V
|
TY Semiconductor Co., Ltd
|
PS2533-1 PS2533-1-V PS2533-2 PS2533-2-V PS2533-4 P |
High Collector To Emitter Voltage Photocoupler(高集电极到发射极电压光电耦合 HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
|
NEC Corp. NEC[NEC]
|